Part Number Hot Search : 
UT54A LBS13502 2N490 2N490 24393 X4HUOL ISL54048 VN0650
Product Description
Full Text Search
 

To Download UN228 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor Arrays
UN228
Transistor array to drive the small motor s Features
q q q q
Small and lightweight Low power consumption Low-voltage drive With 4 elements incorporated
6.50.3 10-0.40.1
Unit: mm
5.50.3 1 10
1.50.1 0.8
s Applications
q q
For motor drives Small motor drive circuits in general
5
6 12 6
0 to 0.1 0.5
45
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Peak collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT* Tj Tstg
(Ta=253C)
Ratings 12 10 7 1 2.5 0.5 150 -55 to +150 Unit V V V A A W C C
6 0.50.2 7.70.3
Internal Connection
1 2 3 4 5 10 9 8 7 6
Note: marks used above: +: NPN part, -: PNP part * TC = 25C only when the elements are active
0.2 -0.05
12
+0.1
8-0.90.1
SO-10C Package
1
Small Signal Transistor Arrays
UN228
s Electrical Characteristics
Parameter Collector to base voltage
(Ta=25C)
Symbol VCBO VCEO VEBO ICBO hFE VCE(sat) fT Cob VF Conditions (NPN) IC = 10A, IE = 0 (PNP) IC = -10A, IE = 0 (NPN) IC = 1mA, IB = 0 (PNP) IC = -1mA, IB = 0 (NPN) IE = 10A, IC = 0 (PNP) IE = -10A, IC = 0 (NPN) VCB = 10V, IE = 0 (PNP) VCB = -10V, IE = 0 (NPN) VCE = 1V, IC = 0.5A* (PNP) VCE = -1V, IC = 0.5A* (NPN) IC = 1A, IB = 30mA* (PNP) IC = -1A, IB = -30mA* (NPN) VCB = 6V, IE = -50mA, f = 200MHz (PNP) VCB = -6V, IE = 50mA, f = 200MHz (NPN) VCB = 10V, IE = 0, f = 1MHz (NPN) VCB = -10V, IE = 0, f = 1MHz (NPN) IF = 1A (PNP) IF = -1A 200 200 0.2 - 0.2 150 150 50 65 1.5 -1.5 min 12 -12 10 -10 7 -7 1 -1 800 800 0.3 - 0.3 V typ max Unit V
Collector to emitter voltage
V
Emitter to base voltage
V A
Collector cutoff current
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
MHz
Collector output capacitance
pF
Forward voltage *Pulse measurement
V
Characteristics charts of PNP transistor block PT -- Ta
0.6
-4.8 Ta=25C
IC -- VCE
-6
IC -- VBE
VCE=-1V -5
Total power dissipation PT (W)
0.5
-4.0
Collector current IC (A)
Collector current IC (A)
0.4
-3.2 IB=-14mA -2.4 -12mA -10mA -8mA -1.6 -6mA -4mA -0.8 -2mA
-4 Ta=75C -3
25C
-25C
0.3
0.2
-2
0.1
-1
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
0 0 -0.4 -0.8 -1.2 -1.6 -2.0 -2.4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
2
Small Signal Transistor Arrays
VCE(sat) -- IC
-10
UN228
hFE -- IC Cob -- VCB
240
Collector to emitter saturation voltage VCE(sat) (V)
-3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.003 -0.001 -0.01 -0.03 -0.1 -0.3 Ta=75C 25C
Collector output capacitance Cob (pF)
IC/IB=100/3
600 VCE=-1V
Forward current transfer ratio hFE
500
200
f=1MHz IE=0 Ta=25C
400
Ta=75C 25C
160
300 -25C 200
120
80
100
40
-1
-3
-10
0 -0.01 -0.03 -0.1 -0.3
-1
-3
-10
0 -0.1 -0.3
-1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
Characteristics charts of NPN transistor block PT -- Ta
0.6
4.8 Ta=25C
IC -- VCE
6
IC -- VBE
VCE=1V 5
Total power dissipation PT (W)
0.5
4.0
Collector current IC (A)
Collector current IC (A)
0.4
3.2
IB=14mA 12mA
4 Ta=75C 3
25C
-25C
0.3
2.4
10mA 8mA
0.2
1.6
6mA 4mA
2
0.1
0.8 2mA
1
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.4 0.8 1.2 1.6 2.0 2.4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
10
hFE -- IC
600
120
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=1V
f=1MHz IE=0 Ta=25C
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=100/3
Forward current transfer ratio hFE
3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 Ta=75C 25C -25C
500
100
400 Ta=75C 300 25C -25C 200
80
60
40
100
20
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
1
3
10
0 0.1
0.3
1
3
10
30
100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
3


▲Up To Search▲   

 
Price & Availability of UN228

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X